PART |
Description |
Maker |
BC550C BC549B BC549B-D BC549C BC550B |
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
Low Noise Transistors NPN Silicon(硅NPN低噪声晶体管) 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Low Noise Transistor NPN Silicon(30V硅NPN低噪声晶体管) 低噪声晶体管NPN硅(30V的硅npn型低噪声晶体管)
|
ON Semiconductor http://
|
2SC4900 |
Silicon NPN Transistor Silicon NPN Epitaxial UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
2SD1592 2SD1592L |
Silicon transistor NPN SILICON TRIPLE DIFFUSED TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-VOLTAGE LOW-SPEED SWITCHING TRANSISTOR | BJT | DARLINGTON | NPN | 300V V(BR)CEO | 5A I(C) | SOT-186
|
NEC Corp.
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
BFS466L6 BFS466L6E6327 |
NPN Silicon RF TWIN Transistor NPN硅射频双晶体 RF-Bipolar - Dual NPN Silicon RF transistor in TSLP-3 package ideal for Low Noise Amplifiers and VCO Modules
|
INFINEON[Infineon Technologies AG]
|
FZT491 FZT491A |
NPN Low Sat Transistor NPN Med Power Transistor SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR Style:Wall Mount Receptacle; Insert Arrangement:18-11
|
Zetex Semiconductors Diodes Incorporated
|
BC637L34Z BC637D26Z |
NPN Epitaxial Silicon Transistor 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BC639L34Z BC639D74Z |
NPN Epitaxial Silicon Transistor 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BFP650 |
Digital Transistors - NPN SiGe RF Transistor, high power amplifiers, low noise RF transistor in SOT343 Package, 4V, 150mA NPN Silicon Germanium RF Transistor
|
Infineon Technologies AG
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
JANS2N3700S JANTXV2N3057A JANTX2N3057A JANS2N3057A |
LOW POWER NPN SILICON TRANSISTOR LOW POWER NPN SILICON TRANSISTOR 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|